Part Number Hot Search : 
TS431ACX T725608 0STRR S25S20PT FE410 2A710 PSKH80 SL1640
Product Description
Full Text Search
 

To Download B250Q-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  b220/a - b260/a document number: ds13004 rev. 20 - 2 1 of 5 www.diodes.com november 2012 ? diodes incorporated b220/a - b260/a 2.0a surface mount schottky barrier rectifier features ? guard ring die constructi on for transient protection ? ideally suited for automated assembly ? low power loss, high efficiency ? surge overload rating to 50a peak ? for use in low voltage, high frequency inverters, free wheeling, and polarity protection application ? high temperature soldering: 260c/10 second at terminal ? lead-free finish; rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (notes 3 & 4) ? qualified to aec-q101 standards for high reliability mechanical data ? case: sma/smb ? case material: molded plastic. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: lead free plating (mat te tin finish). solderable per mil-std-202, method 208 ? polarity: cathode band or cathode notch ? weight: sma 0.064 grams (approximate) smb 0.093 grams (approximate) ordering information (note 5) part number qualification case packaging b2xxa-13-f commercial sma 5000/tape & reel b2xx-13-f commercial smb 3000/tape & reel B250Q-13 automotive smb 3000/tape & reel b240aq-13-f automotive sma 5000/tape & reel * x = device type, e.g. b260a-13-f (sma package); b240-13-f (smb package). notes: 1. eu directive 2002/95/ec (rohs) & 2011/65/eu (roh s 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diodes.com for more in formation about diodes incorpor ated?s definitions of halogen- and antimony-free, "gree n" and lead-free. ? 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm br omine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds. 4. product manufactured with date code 0924 (week 24, 2009) and newer are built with green molding compound. 5. for packaging details, go to our website at http://www.diodes.com. marking information top view bottom view b2x0a = product type marking code, ex: b220a (sma package) b2x0 = product type marking code, ex: b230 (smb package) = manufacturers? code marking yww = date code marking y = last digit of year (ex: 2 for 2002) ww = week code (01 to 53) yww b2x0(a) green sma/smb
b220/a - b260/a document number: ds13004 rev. 20 - 2 2 of 5 www.diodes.com november 2012 ? diodes incorporated b220/a - b260/a maximum ratings (@t a = +25c, unless otherwise specified.) single phase, half wave, 60hz, re sistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol b220/a b230/a b240/a b250/a b260/a unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 20 30 40 50 60 v rms reverse voltage v r ( rms ) 14 21 28 35 42 v average rectified output current @ t l = +100c i o 2.0 a non-repetitive peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 50 a thermal characteristics characteristic symbol value unit typical thermal resistance, junction to lead sma smb r jl 25 20 c/w operating and storage temperature range t j, t stg -65 to +150 c electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition forward voltage drop b220/a, b230/a, b240/a b250/a, b260/a v f - - 0.50 0.70 v i f = 2.0a, t a = +25 c leakage current (note 6) i r - - - - 0.5 20 ma @ rated v r , t a = +25 c @ rated v r , t a = +100 c total capacitance c t - - 200 pf v r = 4v, f = 1mhz notes: 6. short duration pulse test used to minimize self-heating effect. 0.01 0.1 1.0 10 0 0.2 0.4 0.6 0.8 1.0 i , ins t an t ane o u s f o r wa r d c u r r en t (a) f v , instantaneous forward voltage (v) fig. 1 typical forward characteristics f 020406080100120140 i, i n s t a n t a n e o u s r eve r se c u r r e n t (ma) r percent of rated peak reverse voltage (%) fig. 2 typical reverse characteristics 100 10 1.0 0.1 0.01 0.001
b220/a - b260/a document number: ds13004 rev. 20 - 2 3 of 5 www.diodes.com november 2012 ? diodes incorporated b220/a - b260/a 10 100 1,000 0.1 1 10 100 c , t o t al c a p a c i t an c e (p f ) t v , dc reverse voltage (v) fig. 3 total capacitance vs. reverse voltage r 0 0.5 1.0 25 50 75 100 125 150 i, ave r a g e f o r wa r d c u r r e n t (a) f(av) t , terminal temperature (oc) fig. 4 forward current derating curve t 1.5 2.0 2.5 20 30 40 50 1612 8 42 4 20 3228 36 40 t , de r a t ed ambie n t t em p e r a t u r e ( c ) a v , dc reverse voltage (v) fig. 5 operating temperature derating (b240) r 60 70 80 120 130 100 110 150 140 160 0 note 6 90 0 10 20 30 40 50 11 01 0 0 i, p eak f o r wa r d s u r g e c u r r en t (a) fsm number of cycles at 60 hz fig. 6 max non-repetitive peak forward surge current 6. device mounted on fr-4 pc board with minimum reco mmended pad layout pattern as per http://www.diodes.com.
b220/a - b260/a document number: ds13004 rev. 20 - 2 4 of 5 www.diodes.com november 2012 ? diodes incorporated b220/a - b260/a package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. sma dim min max a 2.29 2.92 b 4.00 4.60 c 1.27 1.63 d 0.15 0.31 e 4.80 5.59 g 0.05 0.20 h 0.76 1.52 j 2.01 2.30 all dimensions in mm smb dim min max a 3.30 3.94 b 4.06 4.57 c 1.96 2.21 d 0.15 0.31 e 5.00 5.59 g 0.05 0.20 h 0.76 1.52 j 2.00 2.50 all dimensions in mm sma dimensions value (in mm) c 4.00 g 1.50 x 2.50 x1 6.50 y 1.70 smb dimensions value (in mm) c 4.30 g 1.80 x 2.50 x1 6.80 y 2.30 a b c d g h e j ? c x 1 y g x
b220/a - b260/a document number: ds13004 rev. 20 - 2 5 of 5 www.diodes.com november 2012 ? diodes incorporated b220/a - b260/a important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2012, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of B250Q-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X